Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRVS248X02C Datasheet(PDF) 12 Page - STMicroelectronics

Part # STRVS248X02C
Description  ST repetitive voltage suppressor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRVS248X02C Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STRVS248X02C Datasheet HTML 6Page - STMicroelectronics STRVS248X02C Datasheet HTML 7Page - STMicroelectronics STRVS248X02C Datasheet HTML 8Page - STMicroelectronics STRVS248X02C Datasheet HTML 9Page - STMicroelectronics STRVS248X02C Datasheet HTML 10Page - STMicroelectronics STRVS248X02C Datasheet HTML 11Page - STMicroelectronics STRVS248X02C Datasheet HTML 12Page - STMicroelectronics STRVS248X02C Datasheet HTML 13Page - STMicroelectronics STRVS248X02C Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Ordering information
STRVSX
12/14
DocID023950 Rev 4
3
Ordering information
Figure 28. Ordering information scheme
Table 9. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STRVS118X02C
R118C
SMC
0.25 g
2500
Tape and reel
STRVS142X02F
R142F
DO-201
0.90 g
600
Ammopack
STRVS182X02F
R182F
DO-201
0.90 g
600
Ammopack
STRVS185X02B
R185B
SMB
0.12 g
2500
Tape and reel
STRVS185X02E
R185E
DO-15
0.40 g
1000
Ammopack
STRVS222X02F
R222F
DO-201
0.90 g
600
Ammopack
STRVS225X02E
R225E
DO-15
0.40 g
1000
Ammopack
STRVS241X02E
R241E
DO-15
0.40 g
1000
Ammopack
STRVS248X02C
R4248C
SMC
0.25 g
2500
Tape and reel
STRVS252X02F
R252F
DO-201
0.90 g
600
Ammopack
STRVS280X02F
R280F
DO-201
0.90 g
600
Ammopack
ST: STMicroelectronics
Repetitive voltage suppressor
Clamping voltage
118 = 118 V @ IPP = 2 A
Version
X = Single diode
Peak pulse current
02 = 2 A
Package
B = SMB, C = SMC, E = DO-15, F = DO-201
ST RVS VVV X II B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com