Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRVS248X02C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STRVS248X02C
Description  ST repetitive voltage suppressor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRVS248X02C Datasheet(HTML) 5 Page - STMicroelectronics

  STRVS248X02C Datasheet HTML 1Page - STMicroelectronics STRVS248X02C Datasheet HTML 2Page - STMicroelectronics STRVS248X02C Datasheet HTML 3Page - STMicroelectronics STRVS248X02C Datasheet HTML 4Page - STMicroelectronics STRVS248X02C Datasheet HTML 5Page - STMicroelectronics STRVS248X02C Datasheet HTML 6Page - STMicroelectronics STRVS248X02C Datasheet HTML 7Page - STMicroelectronics STRVS248X02C Datasheet HTML 8Page - STMicroelectronics STRVS248X02C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID023950 Rev 4
5/14
STRVSX
Characteristics
14
Figure 10. Clamping voltage versus peak pulse
current - STRVS252X02F
Figure 11. Clamping voltage versus peak pulse
current - STRVS280X02F
0
2
4
6
8
10
200
210
220
230
240
250
260
270
280
IPP (A), TJ = 25 °C,
,
85 °C 125 °C
VCL (V)
0
2
4
6
8
10
220
230
240
250
260
270
280
290
300
310
IPP (A), TJ = 25 °C,
,
85 °C 125 °C
VCL (V)
Figure 12. Leakage current versus junction
temperature (typical values) STRVSxxxC
Figure 13. Leakage current versus junction
temperature (typical values) STRVSxxxF
0,1
1
10
100
1000
10000
25
50
75
100
125
150
VR =VRM
IR (nA)
Tj (°C)
0,1
1
10
100
1000
10000
25
50
75
100
125
150
175
VR =VRM
IR (nA)
Tj (°C)
Figure 14. Leakage current versus junction
temperature (typical values) STRVSxxxB
Figure 15. Leakage current versus junction
temperature (typical values) STRVSxxxE
0,1
1
10
100
1000
10000
25
50
75
100
125
150
VR =VRM
IR (nA)
Tj (°C)
0,1
1
10
100
1000
10000
25
50
75
100
125
150
175
VR =VRM
IR (nA)
Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com