Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRVS248X02C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STRVS248X02C
Description  ST repetitive voltage suppressor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRVS248X02C Datasheet(HTML) 3 Page - STMicroelectronics

  STRVS248X02C Datasheet HTML 1Page - STMicroelectronics STRVS248X02C Datasheet HTML 2Page - STMicroelectronics STRVS248X02C Datasheet HTML 3Page - STMicroelectronics STRVS248X02C Datasheet HTML 4Page - STMicroelectronics STRVS248X02C Datasheet HTML 5Page - STMicroelectronics STRVS248X02C Datasheet HTML 6Page - STMicroelectronics STRVS248X02C Datasheet HTML 7Page - STMicroelectronics STRVS248X02C Datasheet HTML 8Page - STMicroelectronics STRVS248X02C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID023950 Rev 4
3/14
STRVSX
Characteristics
14
Table 4. Electrical characteristics - values
Order code
IRM max @ VRM
(25 °C)
VBR @ IR
(1) (25 °C)
Values @ 125 °C (typ.)
αT
Min.
Max.
IPP
VCL @ Ipp VCL0
Rd(2)
Max.
µA
V
V
mA
A
V
V
Ω
10-4/°C
STRVS118X02C
0.2
85
95
105
1
2
118
116
1.0
10.6
STRVS142X02F
1
102
114
126
1
2
142
140
1.0
10.7
STRVS182X02F
1
128
143
158
1
2
182
177
2.5
10.8
STRVS185X02B/E
0.2
128
143
158
1
2
185
178
2.5
10.8
STRVS222X02F
1
154
171
189
1
2
222
213
4.5
10.8
STRVS225X02E
0.5
154
171
189
1
2
225
214
5.5
10.8
STRVS241X02E
0.5
171
190
210
1
2
241
234
3.5
10.8
STRVS248X02C
0.5
171
190
210
1
2
248
238
5.0
10.8
STRVS252X02F
1
171
190
210
1
2
252
239
6.5
10.8
STRVS280X02F
1
188
209
231
1
2
280
263
8.5
10.8
1.
To calculate VBR at a given junction temperature, use the following formula:
VBR @ Tj = VBR @ 25 °C x (1 + αT x (Tj - 25))
2.
Rd = (VCL - VCL0)/IPP
Figure 2. Clamping voltage versus peak pulse
current - STRVS118X02C (typical values)
Figure 3. Clamping voltage versus peak pulse
current - STRVS142X02F (typical values)
0
2
4
6
8
10
100
105
110
115
120
125
IPP (A), TJ = 25 °C,
,
85 °C 125 °C
VCL (V)
0
2
4
6
8
10
120
125
130
135
140
145
150
IPP (A), TJ = 25 °C,
,
85 °C 125 °C
VCL (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com