Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6759 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # MP6759
Description  TOSHIBA GTR Module Silicon N Channel IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP6759 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  MP6759 Datasheet HTML 1Page - Toshiba Semiconductor MP6759 Datasheet HTML 2Page - Toshiba Semiconductor MP6759 Datasheet HTML 3Page - Toshiba Semiconductor MP6759 Datasheet HTML 4Page - Toshiba Semiconductor MP6759 Datasheet HTML 5Page - Toshiba Semiconductor MP6759 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MP6759
2002-11-20
5
Collector-emitter voltage VCE (V)
Reverse Bias Area
Rth – tw
Pulse width tw (s)
Collector-emitter voltage VCE (V)
Safe Operating Area
40
0.1
0.1
1
10
100
1000
1
10
100
IC max (pulsed)*
1 s*
100 µs*
DC operation
IC max (continuous)
50 µs*
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
1 ms*
10 ms*
0
0
200
400
600
800
10
20
30
Tj ≤ 125°C
VGE = ±15 V
RG = 100 Ω
0.001
0.01
0.1
1
10
100
1000
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
10
30
50
100
Tc = 25°C
Diode
IGBT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com