Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6759 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MP6759
Description  TOSHIBA GTR Module Silicon N Channel IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP6759 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MP6759 Datasheet HTML 1Page - Toshiba Semiconductor MP6759 Datasheet HTML 2Page - Toshiba Semiconductor MP6759 Datasheet HTML 3Page - Toshiba Semiconductor MP6759 Datasheet HTML 4Page - Toshiba Semiconductor MP6759 Datasheet HTML 5Page - Toshiba Semiconductor MP6759 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MP6759
2002-11-20
1
TOSHIBA GTR Module Silicon N Channel IGBT
MP6759
Motor Control Applications
High Power Switching Applications
· The electrodes are isolated from case.
· 6 IGBTs are built into 1 package.
· Enhancement-mode
· Low saturation voltage
: VCE (sat) = 2.7 V (max) (IC = 10 A)
· High speed: tf = 0.35 µs (max) (IC = 10 A)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-emitter voltage
VCES
600
V
Gate-emitter voltage
VGES
±20
V
DC
IC
10
Collector current
1 ms
ICP
20
A
DC
IF
10
Forward current
1 ms
IFM
20
A
Collector power dissipation
(Tc = 25°C)
PC
40
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−40 to 125
°C
Isolation voltage
VIsol
2500
(AC 1 minute)
V
Screw torque
―
1.5
N·m
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-78A1A
Weight: 44 g (typ.)


Similar Part No. - MP6759

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP6750 TOSHIBA-MP6750 Datasheet
190Kb / 5P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MP6752 TOSHIBA-MP6752 Datasheet
260Kb / 6P
HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MP6753 TOSHIBA-MP6753 Datasheet
197Kb / 5P
INSULATED GATE BIPOLAR TRANSISTOR
MP6754 TOSHIBA-MP6754 Datasheet
202Kb / 5P
Silicon N Channel IGBT(High Power Switching Applications Motor Control Applications)
MP6757 TOSHIBA-MP6757 Datasheet
276Kb / 6P
GTR MODULE SILICON N CHANNEL LGBT
More results

Similar Description - MP6759

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MG150J7KS50 TOSHIBA-MG150J7KS50 Datasheet
119Kb / 6P
TOSHIBA GTR Module Silicon N Channel IGBT
MG1200FXF1US51 TOSHIBA-MG1200FXF1US51 Datasheet
94Kb / 5P
TOSHIBA GTR Module Silicon N-Channel IGBT
MG1200V1US51 TOSHIBA-MG1200V1US51 Datasheet
96Kb / 4P
TOSHIBA GTR MODULE SILICON N-CHANNEL IGBT
MG600J2YS60A TOSHIBA-MG600J2YS60A Datasheet
191Kb / 9P
TOSHIBA IGBT Module Silicon N Channel IGBT
MG600Q1US61 TOSHIBA-MG600Q1US61 Datasheet
234Kb / 8P
TOSHIBA IGBT Module Silicon N Channel IGBT
MG200J6ES60 TOSHIBA-MG200J6ES60 Datasheet
102Kb / 5P
TOSHIBA GTR Module Silicon N Channel IGBT
MG150J7KS60 TOSHIBA-MG150J7KS60 Datasheet
302Kb / 5P
TOSHIBA GTR MODULE SILICON N CHANNEL IGBT
MG100Q2YS65H TOSHIBA-MG100Q2YS65H Datasheet
164Kb / 6P
TOSHIBA IGBT Module Silicon N Channel IGBT
MG300J2YS50 TOSHIBA-MG300J2YS50 Datasheet
308Kb / 5P
TOSHIBA GTR MODULE SILICON N CHANNEL 1GBT
MG150J2YS50 TOSHIBA-MG150J2YS50 Datasheet
225Kb / 5P
TOSHIBA GTR Module Silicon N Channel IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com