Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6759 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MP6759
Description  TOSHIBA GTR Module Silicon N Channel IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP6759 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MP6759 Datasheet HTML 1Page - Toshiba Semiconductor MP6759 Datasheet HTML 2Page - Toshiba Semiconductor MP6759 Datasheet HTML 3Page - Toshiba Semiconductor MP6759 Datasheet HTML 4Page - Toshiba Semiconductor MP6759 Datasheet HTML 5Page - Toshiba Semiconductor MP6759 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MP6759
2002-11-20
2
Equivalent Circuit
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGES
VGE = ±20 V, VCE = 0 V
―
―
±200
nA
Collector cut-off current
ICES
VCE = 600 V, VGE = 0 V
―
―
1
mA
Gate-emitter cut-off voltage
VGE (off)
IC = 1 mA, VCE = 5 V
5
―
8
V
Collector-emitter saturation voltage
VCE (sat)
IC = 10 A, VGE = 15 V
―
2.1
2.7
V

Input capacitance
Cies
VCE = 10 V, VGE = 0 V, f = 1 MHz
―
720
―
pF
Rise time
tr
―
0.3
―
Turn-on time
ton
―
0.4
―
Fall time
tf
―
0.2
0.35
Switching time
Turn-off time
toff
―
0.4
―
µs
Forward voltage
VF
IF = 10 A, VGE = 0 V
―
―
2.0
V
Reverse recovery time
trr
IF = 10 A, di/dt = −100 A/µs
―
―
200
ns
Transistor
―
―
3.09
Thermal resistance
Rth (j-c)
Diode
―
―
4.77
°C/W
−15 V
15 V
0 V
300 V
100 Ω
+
GU
(BU)
GX
(BX)
GV
(BV)
GY
(BY)
GW
(BW)
GZ
(BZ)
−
U
V
W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com