Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6759 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # MP6759
Description  TOSHIBA GTR Module Silicon N Channel IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP6759 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  MP6759 Datasheet HTML 1Page - Toshiba Semiconductor MP6759 Datasheet HTML 2Page - Toshiba Semiconductor MP6759 Datasheet HTML 3Page - Toshiba Semiconductor MP6759 Datasheet HTML 4Page - Toshiba Semiconductor MP6759 Datasheet HTML 5Page - Toshiba Semiconductor MP6759 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MP6759
2002-11-20
4
Collector-emitter voltage VCE (V)
C – VCE
Collector current IC (A)
Gate resistance RG (Ω)
Switching Time – RG
Forward current IF (A)
trr, Irr – IF
Forward voltage VF (V)
IF – VF
Charge QG (nQ)
VCE, VGE – QG
5
0.5
Cies
Coes
Cres
Common emitter
VGE = 0 V
f = 1 MHz
Tc = 25°C
1
3
10
30
100
300
1000
10
30
100
300
1000
3000
0.1
0
Irr
trr
Common cathode
di/dt = 100 A/µs
VGE = −10 V
Tc = 25°C
0.3
0.5
1
3
5
10
4
8
12
16
0
Common cathode
VGE = 0 V
0
Tc = 125°C
25
−40
0.4
0.8
1.2
1.6
2.0
4
8
12
16
20
100
0.03
1
0.05
0.1
0.3
0.5
1
3
5
10
30
50
Common emitter
VCC = 300 V
VGE = ±15 V
RG = 100 Ω
Tc = 25°C
ton
tr
toff
tf
0.02
0
0
VCE = 0 V
100
200
8
16
24
32
40
4
8
12
16
20
Common emitter
RL = 30 Ω
Tc = 25°C
300
Switching Time – IC
0.1
10
30
50
100
300
500
1000
0.3
0.5
1
3
5
Common emitter
VCC = 300 V
VGE = ±15 V
IC = 10 A
Tc = 25°C
ton
tr
toff
tf



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com