Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV852 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSV852
Description  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV852 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSV852 Datasheet HTML 4Page - STMicroelectronics TSV852 Datasheet HTML 5Page - STMicroelectronics TSV852 Datasheet HTML 6Page - STMicroelectronics TSV852 Datasheet HTML 7Page - STMicroelectronics TSV852 Datasheet HTML 8Page - STMicroelectronics TSV852 Datasheet HTML 9Page - STMicroelectronics TSV852 Datasheet HTML 10Page - STMicroelectronics TSV852 Datasheet HTML 11Page - STMicroelectronics TSV852 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Electrical characteristics
TSV85x, TSV85xA
8/31
DocID022468 Rev 4
Table 6. Electrical characteristics at VCC+ = 5 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 ° C, and RL
connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
TSV85xA, T = 25 °C
0.8
mV
TSV85x, T = 25 °C
4
TSV85xA, -40 °C < T< 125 °C
2
TSV85x, -40 °C < T< 125 °C
6
ΔVio/ΔT Input offset voltage drift(1)
-40 °C < T< 125 °C
1
μV/°C
Iio
Input offset current
(Vout = Vcc/2)
T = 25 °C
0.5
30
nA
-40 °C < T< 125 °C
1
50
Iib
Input bias current (Vout = Vcc/2)
T = 25 °C
27
60
-40 °C < T< 125 °C
110
CMR
Common mode rejection ratio
20 log (
ΔVicm/ΔVio)
(Vic = 0 V to Vcc-1V, Vout = Vcc/2)
T = 25 °C
72
75
dB
-40 °C < T< 125 °C
70
SVR
Supply voltage rejection ratio:
20 log (
ΔVcc/ΔVio)
Vcc = 2.5 to 5 V
T = 25 °C
72
79
-40 °C < T< 125 °C
70
Avd
Large signal voltage gain
(Vout = 0.5V to (VCC-0.5V))
RL= 10 kΩ, T = 25 °C
100
110
RL= 10 kΩ, -40 °C < T< 125 °C
90
RL= 2 kΩ, T = 25 °C
90
100
RL= 2 kΩ, -40 °C < T< 125 °C
80
VCC-VOH High level output voltage
RL = 10 kΩ, T=25 °C
10
100
mV
RL = 10 kΩ, -40 °C < T< 125 °C
200
RL = 2 kΩ, T = 25 °C
40
300
RL = 2 kΩ, -40°C < T< 125 °C
400
VOL
Low level output voltage
RL = 10 kΩ, T = 25 °C
65
180
RL = 10 kΩ, -40 °C < T< 125 °C
280
RL = 2 kΩ, T = 25 °C
120
300
RL = 2 kΩ, -40 °C < T< 125 °C
400
Iout
Isink (Vout = VCC)
Vid = -1 V
T = 25 °C
35
43
mA
-40 °C < T< 125 °C
25
Isource (Vout = 0 V)
Vid = 1 V
T = 25 °C
60
70
-40 °C < T< 125 °C
50
ICC
Supply current (per channel)
No load, Vout = VCC/2
T = 25 °C
130
180
µA
-40 °C < T< 125 °C
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com