Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV852 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV852
Description  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV852 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV852 Datasheet HTML 6Page - STMicroelectronics TSV852 Datasheet HTML 7Page - STMicroelectronics TSV852 Datasheet HTML 8Page - STMicroelectronics TSV852 Datasheet HTML 9Page - STMicroelectronics TSV852 Datasheet HTML 10Page - STMicroelectronics TSV852 Datasheet HTML 11Page - STMicroelectronics TSV852 Datasheet HTML 12Page - STMicroelectronics TSV852 Datasheet HTML 13Page - STMicroelectronics TSV852 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical characteristics
TSV85x, TSV85xA
10/31
DocID022468 Rev 4
Figure 2. Supply current vs. supply voltage at
Vicm = VCC/2
Figure 3. Vio distribution at VCC = 5 V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.00
0.05
0.10
0.15
0.20
T=25°C
T=-40°C
T=125°C
Vicm=Vcc/2
Supply Voltage (V)
-4.0 -3.5 -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
Vcc=5V
Vicm=2.5V
T=25°C
Input offset voltage (mV)
Figure 4. Input offset voltage vs. input common
mode voltage at VCC = 5 V
Figure 5. Output current vs. output voltage at
VCC = 2.7 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
T=25°C
T=-40°C
T=125°C
Vcc=5V
Input Common Mode Voltage (V)
0.0
0.0
0.5
1.0
1.0
1.5
2.0
2.0
2.5
-30
-20
-20
-10
0
0
10
20
20
30
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
T=-40°C
Vcc=2.7V
T=125°C
T=25°C
Output Voltage (V)
Figure 6. Output current vs. output voltage at
VCC = 5 V
Figure 7. Output current vs. supply voltage at
Vicm = VCC/2
0.0
0.0
0.5
1.0
1.0
1.5
2.0
2.0
2.5
3.0
3.0
3.5
4.0
4.0
4.5
5.0
5.0
-100
-100
-75
-50
-50
-25
0
0
25
50
50
75
100
100
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
T=-40°C
Vcc=5V
T=125°C
T=25°C
Output Voltage (V)
2.5
3.0
3.0
3.5
4.0
4.0
4.5
5.0
5.0
5.5
-100
-100
-75
-50
-50
-25
0
0
25
50
50
75
100
100
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
T=-40°C
Vicm=Vcc/2
T=125°C
T=25°C
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com