Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV852 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV852
Description  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV852 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV852 Datasheet HTML 7Page - STMicroelectronics TSV852 Datasheet HTML 8Page - STMicroelectronics TSV852 Datasheet HTML 9Page - STMicroelectronics TSV852 Datasheet HTML 10Page - STMicroelectronics TSV852 Datasheet HTML 11Page - STMicroelectronics TSV852 Datasheet HTML 12Page - STMicroelectronics TSV852 Datasheet HTML 13Page - STMicroelectronics TSV852 Datasheet HTML 14Page - STMicroelectronics TSV852 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
DocID022468 Rev 4
11/31
TSV85x, TSV85xA
Electrical characteristics
31
Figure 8. Voltage gain and phase with
Cl = 100 pF
Figure 9. Voltage gain and phase with
Cl = 200 pF
10k
100k
1M
10M
-20
-10
0
10
20
30
40
-270
-225
-180
-135
-90
-45
0
Frequency (Hz)
Gain
Phase
Vcc=5V
Vicm=2.5V
Rl=50k
Ω
Cl=100pF
Gain=-100
T=125°C
T=-40°C
T=25°C
10k
100k
1M
10M
-20
-10
0
10
20
30
40
-270
-225
-180
-135
-90
-45
0
Frequency (Hz)
Gain
Phase
Vcc=5V
Vicm=2.5V
Rl=50k
Ω
Cl=200pF
Gain=-100
T=125°C
T=-40°C
T=25°C
Figure 10. Gain margin vs. load capacitor at
VCC = 5 V
Figure 11. Phase margin vs. load capacitor at
VCC = 5 V
100
1000
0
0
3
5
5
8
10
10
13
15
15
18
20
20
Rl=100k
Ω
Vcc=5V
Vicm=2.5V
Vload=2.5V
T=25°C
T=125°C
T=-40°C
Rl=600
Ω
Load Capacitor (pF)
100
1000
0
0
10
20
20
30
40
40
50
60
60
70
80
80
90
Rl=100k
Ω
Vcc=5V
Vicm=2.5V
Vload=2.5V
T=25°C
T=125°C
T=-40°C
Rl=600
Ω
Load Capacitor (pF)
Figure 12. Closed-loop gain in voltage follower
configuration for different capacitive loads
Figure 13. Phase margin vs. output current at
VCC = 5 V
1k
10k
100k
1M
10M
-15
-10
-10
-5
0
0
5
10
10
15
Vcc=5V
Vicm=2.5V
Rl=10k
Ω
T=25°C
Cl=45pF
Cl=1000pF
Cl=100pF
Cl=200pF
Cl=500pF
Frequency (Hz)
-1.0 -0.8 -0.6 -0.4 -0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
70
80
Sink
Source
Cl=200pF
Cl=100pF
Vcc=5V
Vicm=2.5V
Vload=2.5V
Rl=10K
Ω
T=25°C
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com