Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV852 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSV852
Description  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV852 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSV852 Datasheet HTML 9Page - STMicroelectronics TSV852 Datasheet HTML 10Page - STMicroelectronics TSV852 Datasheet HTML 11Page - STMicroelectronics TSV852 Datasheet HTML 12Page - STMicroelectronics TSV852 Datasheet HTML 13Page - STMicroelectronics TSV852 Datasheet HTML 14Page - STMicroelectronics TSV852 Datasheet HTML 15Page - STMicroelectronics TSV852 Datasheet HTML 16Page - STMicroelectronics TSV852 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
DocID022468 Rev 4
13/31
TSV85x, TSV85xA
Electrical characteristics
31
Figure 20. Distortion + noise vs. output voltage
0.01
0.1
1
10
10
-4
10
-3
10
-2
10
-1
Vcc=5V
Gain=1
BW=22kHz
Vicm=Vcc/2
T=25°C
Rl=10k
Ω
Rl=2k
Ω
Output Voltage (Vpp)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com