Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE717C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE717C
Description  High Efficiency 1.2MHz 24V Step-up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE717C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE717C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE717C
High Efficiency 1.2MHz 24V Step-up DC/DC Converter
VER 1.1
2
Typical Application
Packaging Type
SOT-23-6A/ SOT-23-6B
Ordering Information
ACE717CXX + H
Pin No.
Symbol
Description
SOT-23-6A SOT-23-6B
1
1
SW
Power Switch Output. SW is the drain of the internal MOSFET
switch. Connect the power inductor and output rectifier to SW. SW
can swing between GND and 24V.
2
2
GND
Ground.
3
3
FB
Feedback Input. The FB voltage is 0.25V. Connect a resistor divider
to FB.
4
4
EN
Regulator On/Off Control Input. A high input at EN turns on the
converter, and a low input turns it off. When not used, connect EN to
the input supply for automatic startup.
5
6
VIN
Power Supply. Must be locally bypassed.
6
5
NC
No Connection
Halogen - free
GMA:SOT-23-6A
GMB:SOT-23-6B
Pb - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com