Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE717C Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE717C
Description  High Efficiency 1.2MHz 24V Step-up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE717C Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE717C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ACE717C
High Efficiency 1.2MHz 24V Step-up DC/DC Converter
VER 1.1
5
Detailed Description
The ACE717C uses a fixed frequency, peak current mode boost regulator architecture to regulate voltage
at the feedback pin. The operation of the ACE717C can be understood by referring to the block diagram
of Figure 3. At the start of each oscillator cycle the MOSFET is turned on through the control circuitry. To
prevent sub-harmonic oscillations at duty cycles greater than 50 percent, a stabilizing ramp is added to
the output of the current sense amplifier and the result is fed into the negative input of the PWM
comparator. When this voltage equals The output voltage of the error amplifier the power MOSFET is
turned off. The voltage at the output of the error amplifier is an amplified version of the difference between
the 0.6V band gap reference voltage and the feedback voltage. In this way the peak current level keeps
the output in regulation. If the feedback voltage starts to drop, the output of the error amplifier increases.
These results in more current to flow through the power MOSFET, thus increasing the power delivered to
the output. The ACE717C has internal soft start to limit the amount of input current at startup and to also
limit the amount of overshoot on the output.
Application Information
Setting the Output Voltage
The internal reference VREF is 0.6V (Typical).The output voltage is divided by a resistor divider, R1 and
R2 to the FB pin. The output voltage is given by



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com