Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE717C Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE717C
Description  High Efficiency 1.2MHz 24V Step-up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE717C Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE717C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ACE717C
High Efficiency 1.2MHz 24V Step-up DC/DC Converter
VER 1.1
6
Inductor Selection
The recommended values of inductor are 4.7 to 22μH. Small size and better efficiency are the major
concerns for portable device, such as ACE717C used for mobile phone. The inductor should have low
core loss at 1.2MHz and low DCR for better efficiency. To avoid inductor saturation current rating should
be considered.
Capacitor Selection
Input and output ceramic capacitors of 22μF are recommended for ACE717C applications. For better
voltage filtering, ceramic capacitors with low ESR are recommended. X5R and X7R types are suitable
because of their wider voltage and temperature ranges.
Diode Selection
Schottky diode is a good choice for ACE717C because of its low forward voltage drop and fast reverses
recovery. Using Schottky diode can get better efficiency.
The
high
speed
rectification is also a good
characteristic of Schottky diode for high switching frequency. Current rating of the diode must meet the
root mean square of the peak current and output average current multiplication as following:
The diode’ s reverse breakdown voltage should be larger than the output voltage.
Layout Consideration
When laying out the printed circuit board, the following checking should be used to ensure proper
operation of the ACE717C .
Check the following in your layout:
1.
The power traces, consisting of the GND trace, the SW trace and the VIN, trace should be kept short,
direct and wide.
2.
Does the (+) plates of Cin connect to Vin as closely as possible. This capacitor provides the AC
current to the internal power MOSFETs.
3.
Keep the switching node SW away from the sensitive VOUT node.
4.
Keep the (-) plates of Cin and Cout as close as possible



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com