Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE717C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE717C
Description  High Efficiency 1.2MHz 24V Step-up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE717C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE717C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE717C
High Efficiency 1.2MHz 24V Step-up DC/DC Converter
VER 1.1
1
Description
The ACE717C is a constant frequency, current mode step-up converter intended for small, low
power applications. The ACE717C switches at 1.2MHz and allows the use of tiny, low cost capacitors and
inductors 2mm or less in height. Internal soft-start results in small inrush current and extends battery life.
The ACE717C includes under-voltage lockout, current limiting, and thermal overload protection to prevent
damage in the event of an output overload.
ACE717C is available in SOT23-6 package that is PB free.
Features
2V to 24V Input Voltage
Up to 24 Output Voltage
Integrated 80mΩ Power MOSFET
1.2MHz Fixed Switching Frequency
Internal 2A Switch Current Limit
Internal Compensation
Thermal Shutdown
Output Adjustable from 0.6V
Available in SOT23-6 Package
Application
ABS Set-Top Boxed
DVB-S/S2
Absolute Maximum Ratings
Parameter
Max
IN, EN Pin Voltage
-0.3V to 24V
SW Pin Voltage
-0.3V to 24V
All Other Pin Voltage
-0.3V to 6V
Junction Temperature (TJ)
150°C
Ambient Temperature (TA)
-40°C to 85°C
Power Dissipation
SOT23-6
600mW
Thermal Resistance (θ
JA)
250°C /W
Thermal Resistance (θ
JC)
130°C /W
Storage Temperature (Ts)
-65°C to 150°C
Lead Temperature & Time
260°C, 10Sec


Similar Part No. - ACE717C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE710 ACE-ACE710 Datasheet
628Kb / 8P
0.9V startup, 0.6A 3.3V/5V Synchronous Boost DC/DC Converter
VER 1.3
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
1A Synchronous PWM Boost converter
VER 1.1
ACE711E ACE-ACE711E Datasheet
626Kb / 9P
2A, Step-Up DC - DC Regulator 20V
VER 1.2
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
ACE712E ACE-ACE712E Datasheet
432Kb / 8P
5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
More results

Similar Description - ACE717C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Eutech Microelectronics...
EUP2624A EUTECH-EUP2624A Datasheet
134Kb / 1P
750kHz/1.2MHz Step-up DC/DC Converter
logo
Richtek Technology Corp...
RT8058A RICHTEK-RT8058A Datasheet
285Kb / 14P
1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
SHANGHAI BELLING CO., L...
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
logo
SHOUDING Shouding Semic...
SB6284 SHOUDING-SB6284 Datasheet
2Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
Shenzhen Huazhimei Semi...
HM1547 HMSEMI-HM1547 Datasheet
565Kb / 10P
1.2MHZ竊?4V Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com