Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRGY9Q53-R2-B01 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LRGY9Q53-R2-B01
Description  SUELACE MOUNT LED TAPE AND REEL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGY9Q53-R2-B01 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LRGY9Q53-R2-B01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Page 3/13
Ratings
mA
UNIT
mW
mA
V
℃
℃
μA
Symbol
PD
IFP
IF
Power Dissipation
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Parameter
Ir
ESD
Tstg
Topr
Electrostatic Discharge
Operating Temperature
Reverse Current @5V
Storage Temperature
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Typical Electrical & Optical Characteristics (Ta=25℃)
Absolute Maximum Ratings at Ta=25℃
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2.The luminous intensity data did not including ±15% testing tolerance.
3.The dominant wavelength data did not including ±1nm testing tolerance
PART NO. LRGY9Q53/R2-B01
2θ 1/2
△λ
λD
Symbol
Forward Voltage
VF
Viewing Angle
Dominant Wavelength
Spectral Line Half-Width
Luminous Intensity
Items
Iv
V
deg
Min.
Typ. Max.
nm
nm
mcd
UNIT
RG
Y
50
30
50
90
100
90
130
108
130
10
50
10
2000
500
2000
-40 ~ + 85
-40 ~ + 100
R
500
800
----
G
1000
1500
----
Y500
800
----
R----
625
----
G----
525
----
Y----
590
----
R----
20
----
G----
36
----
Y----
20
----
R
1.7
----
2.6
G
2.8
----
3.6
Y1.7
----
2.6
R----
120
----
G----
120
----
Y----
120
----
IF=20mA
CONDITION
IF=20mA
IF=20mA
IF=20mA
IF=20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com