Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRGY9Q53-R2-B01 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LRGY9Q53-R2-B01
Description  SUELACE MOUNT LED TAPE AND REEL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGY9Q53-R2-B01 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LRGY9Q53-R2-B01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Page 2/13
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
0.9
0.9
0.9
0.9
0.9
0.9
Soldering Terminal
4.1
1.0
1.0
Package Dimensions
6
5
4
1.6
2
1
3
5.0
5.4
5.0
1.2
1.2
1.2
2.0
0.4
0.4
2.0
Note : 1.All dimension are in millimeter tolerance is ±0.2mm unless otherwise noted.
2.Specifications are subject to change without notice.
Note : The tolerances unless mentioned is ±0.1mm Unit=mm.
Recommended Soldering Pad Dimensions
6.8
1.0
1.0
PART NO. LRGY9Q53/R2-B01
Cathode Mark
1 (+)
(-) 6
2 (+)
(-) 5
3 (+)
(-) 4
Y
G
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com