Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRGY9Q53-R2-B01 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LRGY9Q53-R2-B01
Description  SUELACE MOUNT LED TAPE AND REEL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGY9Q53-R2-B01 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LRGY9Q53-R2-B01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Typical Electro-Optical Characteristics Curve
Page 5/13
Fig.6 Directive Radiation
PART NO. LRGY9Q53/R2-B01
-60°
100%
50%
75%
25%
-30°
60°
75%
0
25% 50%
100%
30°
0°
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(℃)
Wavelength (nm)
Fig.4 Luminous Intensity vs. Temperature
Ambient Temperature(℃)
Forward Voltage(V)
Fig.1 Forward current vs. Forward Voltage
Forward Current(mA)
0
0
50
100
150
0
50
100
150
0.0
1.0
2.0
3.0
-40
-20
0
20
40
60
0.5
1.0
1.5
2.0
80
100
0.94
-20
-40
40
20
0
80
100
60
0.8
0.0
0.2
0.4
0.6
1.0
1.2
R CHIP
Fig.2 Luminous Intensity vs. Forward Current
5.0
4.0
6.0
2.5
3.0
0.96
0.98
1.00
1.02
1.04
1.06
0
550
600
650
700
0.5
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com