Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRGY9Q53-R2-B01 Datasheet(PDF) 13 Page - LIGITEK electronics co., ltd.

Part # LRGY9Q53-R2-B01
Description  SUELACE MOUNT LED TAPE AND REEL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGY9Q53-R2-B01 Datasheet(HTML) 13 Page - LIGITEK electronics co., ltd.

Back Button LRGY9Q53-R2-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 13Page - LIGITEK electronics co., ltd. LRGY9Q53-R2-B01 Datasheet HTML 14Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Page 12/13
LED
LED
Circuit model A
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Circuit model B
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into
the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series
with the LED.
Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd
current should not be allowed to change by more than 40% of its desired value.
(A) Recommended circuit.
(B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
PART NO. LRGY9Q53/R2-B01
Precautions For Use:
Storage time:
1. Calculated shelf life before opening is 12 months at < 30°C and < 90% relative humidity (RH)
2. After bag is opened, devices which will be subjected to reflow soldering or other high
temperature processes must be
a) Assemblied within 168 hours in an environment of ≦ 30°C / 60% RH, or
b) Stored at ambient of 10% RH or less
3. Devices are required baking before assembly if:
a) Humidity Indicator Card reads >10% (for level 2a -5a)
or >60% (for level 2) at ambient temperature 23 ±5°C
b) 2.a) or 2.b) doesn't meet
4. If baking is required, devices should be baked for >72 hours at 60±5°C / 5% RH.Performing baking
only once, and using the baked devices within 72 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com