Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R2 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMR-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMR-R2 Datasheet(HTML) 32 Page - Texas Instruments

Back Button BQ40Z50RSMR-R2 Datasheet HTML 28Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 29Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 30Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 31Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 32Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 33Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 34Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 35Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Copyright © 2017 , Texas Instruments Incorporated
C13
2.2 F
1
2
3
4
5
6
7
8
PBI
VC4
VC3
VC2
VC1
SRN
NC
SRP
PTCEN
PTC
LEDCNTLC
LEDCNTLB
LEDCNTLA
SMBC
SMBD
DISP
24
23
22
21
20
19
18
17
32
bq40z50-R2
SLUSCS4 – JUNE 2017
www.ti.com
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 26. Differential Filter
9.2.2.2.2
Power Supply Decoupling and PBI
The bq40z50-R2 device has an internal LDO that is internally compensated and does not require an external
decoupling capacitor.
The PBI pin is used as a power supply backup input pin providing power during brief transient power outages. A
standard 2.2-µF ceramic capacitor is connected from the PBI pin to ground, as shown in Figure 27.
Figure 27. Power Supply Decoupling
9.2.2.2.3
System Present
The System Present signal informs the gas gauge whether the pack is installed into or removed from the system.
In the host system, this pin is grounded. The PRES pin of the bq40z50-R2 device is occasionally sampled to test
for system present. To save power, an internal pullup is provided by the gas gauge during a brief 4-μs sampling
pulse once per second. A resistor can be used to pull the signal low and the resistance must be 20 kΩ or lower
to ensure that the test pulse is lower than the VIL limit. The pullup current source is typically 10 µA to 20 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com