Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMR-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMR-R2 Datasheet(HTML) 1 Page - Texas Instruments

  BQ40Z50RSMR-R2 Datasheet HTML 1Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 2Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 3Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 4Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 5Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 6Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 7Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 8Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
BAT
VC
4
VC3
VC2
VC1
VSS
SRN
SRP
PACK+
PACK–
PRES
SMBC
SMBD
SMBD
SMBC
PBI
TS1 TS2
LEDCNTLA
LEDCNTLB
DISP
LEDCNTLC
TS3 TS4 BTP
BTP
VC1
VC2
VC3
OUT
VDD
GND
Cell 1
Cell 2
Cell 3
PRES
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
bq40z50-R2
SLUSCS4 – JUNE 2017
bq40z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
1
1 Features
1
•
Fully Integrated 1-Series, 2-Series, 3-Series, and
4-Series Li-Ion or Li-Polymer Cell Battery Pack
Manager and Protection
•
Next-Generation Patented Impedance Track™
Technology Accurately Measures Available
Charge in Li-Ion and Li-Polymer Batteries
•
High Side N-CH Protection FET Drive
•
Integrated Cell Balancing While Charging or At
Rest
•
Suitable for Batteries Between 100 mAh and
29 Ah
•
Full Array of Programmable Protection Features
–
Voltage
–
Current
–
Temperature
–
Charge Timeout
–
CHG/DSG FETs
–
AFE
•
Sophisticated Charge Algorithms
–
JEITA
–
Enhanced Charging
–
Adaptive Charging
–
Cell Balancing
•
Supports TURBO Mode 2.0
•
Supports Battery Trip Point (BTP)
•
Diagnostic Lifetime Data Monitor and Black Box
Recorder
•
LED Display
•
Supports Two-Wire SMBus v1.1 Interface
•
SHA-1 Authentication
•
IATA Support
•
Compact Package: 32-Lead QFN (RSM)
2 Applications
•
Tablets
•
Drones
•
UPS/Battery Backup Systems
•
Medical Equipment
3 Description
The
bq40z50-R2
device,
incorporating
patented
Impedance Track™ technology, is a fully integrated,
single-chip, pack-based solution that provides a rich
array of features for gas gauging, protection, and
authentication for 1-series, 2-series, 3-series, and 4-
series cell Li-Ion and Li-Polymer battery packs.
Using
its
integrated
high-performance
analog
peripherals, the bq40z50-R2 device measures and
maintains an accurate record of available capacity,
voltage,
current,
temperature,
and
other
critical
parameters in Li-Ion or Li-Polymer batteries, and
reports this information to the system host controller
over an SMBus v1.1 compatible interface.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq40z50-R2
VQFN (32)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - BQ40Z50RSMR-R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ40Z50RSMR-R2 TI2-BQ40Z50RSMR-R2 Datasheet
2Mb / 55P
BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
REVISED APRIL 2021
BQ40Z50RSMR-R2.A TI2-BQ40Z50RSMR-R2.A Datasheet
2Mb / 55P
BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
REVISED APRIL 2021
BQ40Z50RSMR-R2.B TI2-BQ40Z50RSMR-R2.B Datasheet
2Mb / 55P
BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
REVISED APRIL 2021
BQ40Z50RSMR-R2G4 TI2-BQ40Z50RSMR-R2G4 Datasheet
2Mb / 55P
BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
REVISED APRIL 2021
BQ40Z50RSMR-R2G4.A TI2-BQ40Z50RSMR-R2G4.A Datasheet
2Mb / 55P
BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
REVISED APRIL 2021
More results

Similar Description - BQ40Z50RSMR-R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3050 TI-BQ3050 Datasheet
735Kb / 28P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ30Z554-R1 TI1-BQ30Z554-R1 Datasheet
923Kb / 29P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055_14 Datasheet
914Kb / 27P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
Li-Ion Battery Pack Manager
BQ40Z80 TI1-BQ40Z80 Datasheet
1Mb / 46P
2-Series to 7-Series Li-Ion Battery Pack Manager
logo
Renesas Technology Corp
RAJ240045 RENESAS-RAJ240045_V01 Datasheet
3Mb / 60P
2 to 4 Series Li-ion Battery Manager
Feb. 23, 2018
RAJ240090 RENESAS-RAJ240090_V01 Datasheet
3Mb / 85P
3 to 10 Series Li-ion Battery Manager
Jan.17, 2020
RAJ240310 RENESAS-RAJ240310 Datasheet
3Mb / 65P
3 to 10 Series Li-ion Battery Manager
May 31, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com