Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R2 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMR-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMR-R2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ40Z50RSMR-R2 Datasheet HTML 5Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 6Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 7Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 8Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 9Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 10Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 11Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 12Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
9
bq40z50-R2
www.ti.com
SLUSCS4 – JUNE 2017
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6 Power Supply Control
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSWITCHOVER–
BAT to VCC
switchover
voltage
VBAT < VSWITCHOVER–
1.95
2.1
2.2
V
VSWITCHOVER+
VCC to BAT
switchover
voltage
VBAT > VSWITCHOVER– + VHYS
2.9
3.1
3.25
V
VHYS
Switchover
voltage hysteresis
VSWITCHOVER+ – VSWITCHOVER–
1000
mV
ILKG
Input Leakage
current
BAT pin, BAT = 0 V, VCC = 25 V, PACK = 25 V
1
µA
PACK pin, BAT = 25 V, VCC = 0 V, PACK = 0 V
1
BAT and PACK terminals, BAT = 0 V, VCC = 0 V, PACK
= 0 V, PBI = 25 V
1
7.7 AFE Power-On Reset
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREGIT–
Negative-going
voltage input
VREG
1.51
1.55
1.59
V
VHYS
Power-on reset
hysteresis
VREGIT+ – VREGIT–
70
100
130
mV
tRST
Power-on reset
time
200
300
400
µs
7.8 AFE Watchdog Reset and Wake Timer
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tWDT
AFE watchdog
timeout
tWDT = 500
372
500
628
ms
tWDT = 1000
744
1000
1256
tWDT = 2000
1488
2000
2512
tWDT = 4000
2976
4000
5024
tWAKE
AFE wake timer
tWAKE = 250
186
250
314
ms
tWAKE = 500
372
500
628
tWAKE = 1000
744
1000
1256
tWAKE = 512
1488
2000
2512
tFETOFF
FET off delay after
reset
tFETOFF = 512
409
512
614
ms
7.9 Current Wake Comparator
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VWAKE
Wake voltage
threshold
VWAKE = ±0.625 mV
±0.3
±0.625
±0.9
mV
VWAKE = ±1.25 mV
±0.6
±1.25
±1.8
VWAKE = ±2.5 mV
±1.2
±2.5
±3.6
VWAKE = ±5 mV
±2.4
±5.0
±7.2
VWAKE(DRIFT)
Temperature drift
of VWAKE accuracy
0.5%
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com