Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R2 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMR-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMR-R2 Datasheet(HTML) 33 Page - Texas Instruments

Back Button BQ40Z50RSMR-R2 Datasheet HTML 29Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 30Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 31Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 32Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 33Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 34Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 35Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 36Page - Texas Instruments BQ40Z50RSMR-R2 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
to Discharge FET
<20 K
VIL
33
bq40z50-R2
www.ti.com
SLUSCS4 – JUNE 2017
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 28. System Present Pull-Down Resistor
Because the System Present signal is part of the pack connector interface to the outside world, it must be
protected from external electrostatic discharge events. The PRES pin has integrated ESD protection to 2 kV.
External protection can be added to support higher ESD protection requirements. The TPD1E10B06 single-
channel ESD protection diode (U2) can protect the input up to 30 kV, and the R8 reduces the holding current to
release the internal SCR in the event that it triggers.
Figure 29. System Present ESD and Short Protection
9.2.2.2.4
SMBus Communication
The SMBus clock and data pins have integrated high-voltage ESD protection circuits; however, adding
TPD1E10B06 ESD protection diodes (U4 and U5) and series resistors (R24 and R25) provides more robust ESD
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com