Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9352AL2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS9352AL2
Description  Optically Isolated Delta-Sigma Modulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9352AL2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS9352AL2 Datasheet HTML 1Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 2Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 3Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 4Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 5Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 6Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 7Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 8Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
PS9352AL2
Chapter Title
R08DS0129EJ0100 Rev.1.00
Page 4 of 19
Aug 24, 2015
ABSOLUTE MAXIMUM RATINGS (TA = 25
C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Operating Ambient Temperature
TA
40 to 110
C
Storage Temperature
Tstg
55 to 125
C
Supply Voltage
VDD1, VDD2
0 to 5.5
V
Input Voltage
VIN, VIN
2 to VDD1 0.5
V
2 Seconds Transient Input Voltage
VIN, VIN
6 to VDD1 0.5
V
Output Voltage
VOUT, VOUT
0.5 to VDD2 0.5
V
Isolation Voltage*1
BV
5 000
Vr.m.s.
*1
AC voltage for 1 minute at TA = 25
C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating Ambient Temperature
TA
40
110
C
Supply Voltage
VDD1, VDD2
4.5
5
5.5
V
Input Voltage (Accurate and Linear) *1
VIN, VIN
200
200
mV
*1
Using VIN = 0 V (to be connected to GND1) is recommended. Avoid using VIN of 2.5 V or more, because the
internal test mode is activated when the voltage VIN reaches more than 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com