Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9352AL2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS9352AL2
Description  Optically Isolated Delta-Sigma Modulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9352AL2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS9352AL2 Datasheet HTML 1Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 2Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 3Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 4Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 5Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 6Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 7Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 8Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
R08DS0129EJ0100 Rev.1.00
Page 1 of 19
Aug 24, 2015
Preliminary Data Sheet
PS9352AL2
Optically Isolated Delta-Sigma Modulator
DESCRIPTION
The PS9352AL2 is an optically isolated Delta – Sigma Modulator that includes high-Accuracy A/D convertor and
converts an analog voltage input into one-bit data stream. PS9352AL2 provides Effective Number of Bit (ENOB) is 12
bits (typ) with a Sinc3 digital filter.
The PS9352AL2 is designed specifically for high common mode transient immunity (CMR) and high linearity
(nonlinearity). The PS9352AL2 is suitable for current sensing and voltage sensing in motor drives.
FEATURES
• Internal Reference Voltage Tolerance (GE =
1% MAX.)
• Effective Number of Bit (ENOB = 12 bits TYP.)
• Operating Ambient Temperature (TA =
40 to 110C)
• Non-linearity (INL = 0.14% MAX.)
• Input Offset Voltage (VOS = 3 mV MAX.)
• Input Offset Voltage Drift vs. Temperature (
dVos/dTA = 2
V/C TYP.)
• Output Clock Frequency (fCLK = 10 MHz TYP.)
• High common mode transient immunity (CMR= 15 kV/
s MIN.)
• Long creepage distance (8 mm MIN.)
• Embossed tape product: PS9352AL2-E3: 2 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• DIN EN 60747-5-5 (VDE 0884-5) approved (Option)
APPLICATIONS
• AC Servo, inverter
• Solar inverter
• Measurement equipment
R08DS0129EJ0100
Rev.1.00
Aug 24, 2015
Start of mass production
2015-09
PIN CONNECTION
(Top View)
1. VDD1
2. VIN+
3. VIN-
4. GND1
5. GND2
6. MDAT
7. MCLK
8. VDD2
85
6
7
14
3
2
Decorder
A/D Converter


Similar Part No. - PS9352AL2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9351L CEL-PS9351L Datasheet
737Kb / 8P
HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9351L RENESAS-PS9351L Datasheet
165Kb / 15P
HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Apr 24, 2015
logo
California Eastern Labs
PS9351L-AX CEL-PS9351L-AX Datasheet
737Kb / 8P
HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9351L-E3 CEL-PS9351L-E3 Datasheet
737Kb / 8P
HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9351L-E3-AX CEL-PS9351L-E3-AX Datasheet
737Kb / 8P
HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9352AL2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
Optically Isolated Delta-Sigma Modulator
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
Optically Isolated Delta-Sigma Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com