Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9352AL2 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS9352AL2
Description  Optically Isolated Delta-Sigma Modulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9352AL2 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9352AL2 Datasheet HTML 3Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 4Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 5Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 6Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 7Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 8Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 9Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 10Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
PS9352AL2
Chapter Title
R08DS0129EJ0100 Rev.1.00
Page 7 of 19
Aug 24, 2015
ELECTRICAL CHARACTERISTICS (Tested with Sinc
3 filter, 256 decimation ratio.)
(TYP.: TA = 25
C, VIN = VIN = 0 V, VDD1 = VDD2 = 5 V,
MIN., MAX.: refer to RECOMMENDED OPERATING CONDITIONS, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Signal to Noise Ratio *8
SNR
VIN = 35 Hz, 400 mVpk-pk
(141 mVr.m.s.) sine wave
62
74
dB
Total Harmonic Distortion *9
THD
80
dB
Signal to Noise and Distortion
Ratio *10
SNDR
51
72
dB
Effective Number of Bit *11
ENOB
10
12
bits
*8
Signal to Noise Ratio (SNR) is the ratio of the AC signal power to the noise power that excludes harmonic signals
and DC. SNR is defined as follows,
SNR (dB) = 10log(PS/PN)
PS: Signal power (fundamental)
PN: Noise power (excluding harmonic signals and DC)
*9
Total Harmonic Distortion (THD) is the ratio of the AC signal power (fundamental) to the sum of harmonic signals
that are occurred by the non-linearity. THD is defined as follows,
THD (dB) = 10log((PH2
 PH3  ...  PH5)/PS)
PS: Signal power (fundamental)
PH2, PH3 ... PH5: Second through fifth harmonics power
*10
Signal to Noise and Distortion ratio (SNDR) is the ratio of the AC signal power (fundamental) to the noise power
plus distortion power. SNDR is defined as follows,
SNDR (dB) = 10log(PS/(PN
 PH2  PH3  ...  PH5))
PS: Signal power (fundamental)
PN: Noise power (excluding harmonic signals and DC)
PH2, PH3 ... PH5: Second through fifth harmonics power
*11
Effective Number of Bit (ENOB) is the effective resolution of ADC that is considered the noise.
ENOB is defined as follows,
ENOB (bits) = (SNR
1.76)/6.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com