Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9352AL2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS9352AL2
Description  Optically Isolated Delta-Sigma Modulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9352AL2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS9352AL2 Datasheet HTML 1Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 2Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 3Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 4Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 5Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 6Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 7Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 8Page - Renesas Technology Corp PS9352AL2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
PS9352AL2
Chapter Title
R08DS0129EJ0100 Rev.1.00
Page 3 of 19
Aug 24, 2015
MARKING EXAMPLE
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part
Number*1
PS9352AL2
PS9352AL2-AX
Pb-Free
(Ni/Pd/Au)
20 pcs (Tape 20 pcs cut)
Standard products
(UL, CSA approved)
PS9352AL2
PS9352AL2-E3
PS9352AL2-E3-AX
Embossed Tape 2 000
pcs/reel
PS9352AL2-V
PS9352AL2-V-AX
20 pcs (Tape 20 pcs cut)
UL,CSA approved,
DIN EN 60747-5-5
(VDE 0884-5):
2011-11 approved
(Option)
PS9352AL2-V-E3
PS9352AL2-V-E3-AX
Embossed Tape 2 000
pcs/reel
*1
For the application of the Safety Standard, following part number should be used.
9332
R
N304
3
N
04
No. 1 pin
Mark
Year Assembled
(Last 1 Digit)
Rank Code
Week Assembled
Assembly Lot
Type Number
Company Initial
9352A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com