Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1628 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT1628
Description  RAM Mapping 116횞2 LCD Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1628 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT1628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Rev. 1.00
11
December 20, 2016
HT1628
Write Operations
Single Command Byte Operation
1
0
0
CSB
WRB
DATA
C7
C6
C5
C4
C3
C2
C1
C0
Command Mode
Command
C8
Compound Command Byte Operation
C4
C5
1
0
0
CSB
WRB
DATA
C7
C6
C5 C4
C3
C2
C1
C0
C6
C3 C2
C1
C0
Command Mode
Command1
Command …
Command or
Data Mode
~
~
~
~
C7
Command n
~
~
~
~
Command or Data or Address
C8
C8
C8
C0
Write Single Display Data Operation
D0
D2
1
0
1
1
0
CSB
WRB
DATA
A5 A4 A3 A2 A1 A0 D0 D1 D2 D3
1
A5 A4 A3 A2 A1 A0
D1
D3
Data Mode Memory Address1 (MA1)
Data (MA1)
Memory Address2 (MA2)
Data (MA2)
Write Pages Display Data Operation
1
1
0
CSB
WRB
DATA
A5
A4 A3
A2 A1
A0 D0 D1 D2 D3
D0 D1 D2 D3
Data Mode
Memory Address (MA1)
Data (MA1)
Data (MA1+4)
D0 D1 D2 D3 D0
D0
D1
D1
D2
D2 D3
D3
Data (MA1+1)
Data (MA1+2)
Data (MA1+3)
D0
Note:Theaddresseswillincrementautomaticallycontinuously.Theaddresswillbewrappedaroundtoaddress
0x00Hwhenitexceedsthemaximumaddress.Themaximumaddressisshownasfollows:
Duty
Maximum Address
1/1
1Ch
1/2
39h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com