Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1628 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1628
Description  RAM Mapping 116횞2 LCD Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1628 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1628 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Rev. 1.00
3
December 20, 2016
HT1628
Pin Description
Pin Name
Type
Description
VDD
—
Positive power supply
VLCD
—
LCD power input
VSS
—
Negative power supply, ground
VCAP
O
1/2 bias voltage output pin, connected to a capacitor
CSB
I
Chip select input with pull-high resistor
1. When high, the data and commands read from or written to the device are disabled.
The serial interface circuit is also reset.
2. When low, data and command transmissions between the host controller and the
device are all enabled.
RDB
I
READ clock input with pull-high resistor
Data in the RAM of the device are clocked out on the falling edge of the RDB signal. The
clocked out data will appear on the DATA line. The host controller can use next rising
edge to latch the clocked out data.
WRB
I
WRITE clock input with pull-high resistor
Data on the DATA line are latched into the device on the rising edge of the WRB signal
DATA
I/O
Signal data input/output with pull-high resistor
DS
I
Duty select pin
DS=“1”: Static, COM0 and COM1 are output the same waveform
DS=“0”: 1/2 duty
TEST
I
Test pin with pull-high resister
Remains in a floating condition in normal mode
COM0~COM1
O
LCD Common output
SEG0~SEG115
O
LCD Segment output
Absolute Maximum Ratings
SupplyVoltage.........................VSS-0.3VtoVSS+6.5V
InputVoltage...........................VSS-0.3VtoVDD+0.3V
StorageTemperature.......................... -55°Cto150°C
OperatingTemperature........................ -40°Cto85°C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com