Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1628 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT1628
Description  RAM Mapping 116횞2 LCD Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1628 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT1628 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 17Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Rev. 1.00
16
December 20, 2016
HT1628
128-pin LQFP (14mm×14mm) Outline Dimensions
96
97
65
64
128
1
32
33
A
B
C
D
E
F
G
H
I
J
K
=
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
―
0.630 BSC
―
B
―
0.551 BSC
―
C
―
0.630 BSC
―
D
―
0.551 BSC
―
E
―
0.020 BSC
―
F
0.005
0.006
0.009
G
0.053
0.055
0.057
H
―
―
0.063
I
0.002
―
0.006
J
0.018
0.024
0.030
K
0.004
―
0.008
α
0°
―
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
16.00 BSC
—
B
—
14.00 BSC
—
C
—
16.00 BSC
—
D
—
14.00 BSC
—
E
―
0.40 BSC
―
F
0.13
0.16
0.23
G
1.35
1.40
1.45
H
―
―
1.60
I
0.05
—
0.15
J
0.45
0.60
0.75
K
0.09
―
0.20
α
0°
―
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com