Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1628 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT1628
Description  RAM Mapping 116횞2 LCD Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1628 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT1628 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 17Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Rev. 1.00
13
December 20, 2016
HT1628
Read Modify Write Pages Display Data Operation – Command Code 101
1
0
1
CSB
WRB
DATA
RDB
A5 A4 A3 A2 A1 A0 D0 D1 D2 D3
Data Mode
Memory Address (MA)
Data (MA)
D0 D1 D2 D3
Data (MA)
D0 D1 D2 D3
Data (MA+3)
D0 D1 D2 D3 D0 D1 D2 D3 D0 D1 D2 D3 D0 D1 D2 D3
D0 D1 D2 D3
Data (MA+1)
Data (MA+1)
Data (MA+2)
Data (MA+2)
Data (MA+3)
Note:Theaddresseswillincrementautomaticallycontinuously.Theaddresswillbewrappedaroundtoaddress
0x00Hwhenitexceedsthemaximumaddress.Themaximumaddressisshownasfollows:
Duty
Maximum Address
1/1
1Ch
1/2
39h
Power Supply Sequence
• IfthepowerisindividuallysuppliedontheLCDandVDDpins,itisstronglyrecommendedtofollowthe
Holtekpowersupplysequencerequirement.
• Ifthepowersupplysequencerequirementisnotfollowed,itmayresultinmalfunction.
HoltekPowerSupplySequenceRequirement:
1.Power-onsequence:
TurnonthelogicpowersupplyVDDfirstandthenturnontheLCDdriverpowersupplyVLCD.
2.Power-offsequence:
TurnofftheLCDdriverpowersupplyVLCD.FirstandthenturnoffthelogicpowersupplyVDD.
3.TheHoltekPowerSupplySequenceRequirementmustbefollowednomatterwhethertheVLCDvoltageis
higherthantheVDDvoltage.
Voltage
Time
VLCD
VDD
1µs
1µs
VDD
VLCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com