Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC83702 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SC83702
Description  ALL IN ONE MOUSE CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC83702 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SC83702 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Silan
Semiconductors
SC83702
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
3
DC ELECTRICAL CHARACTERISTICS (Tamb=25~70°C, VDD=5.6V)
Parameter
Symbol
Min
Typ
Max
Unit
VDD
--
--
6.5
V
Operating Voltage
VRTS
--
--
13
V
Operating Current (VDD=5.4V, RTS=VDD, 32.768kHz, No Load)
Iop
--
--
0.6
mA
Operating Current (VDD=6.2V, RTS=VDD, 32.768kHz, No Load)
Iop
3
--
--
mA
Operating Current (VDD=5.4V, RTS=VDD, 3.58MHz, No Load)
Iop
--
--
1.6
mA
Operating Current (VDD=6.2V, RTS=VDD, 3.58MHz, No Load)
Iop
4
--
--
mA
RTS Operating Current (VDD=5.6V, RTS=11V)
IRTS
--
--
0.6
mA
RTS Operating Current (VDD=5.6V, RTS=11.8V)
IRTS
3--
--
mA
RXD High Output Current (Vrh=Vrts-2.6V)
Irh
2.0
--
--
mA
RXD Low Output Current (Vrl=Vss+2.6V)
Irl
--
--
-2.0
mA
X1,X2,Y1,Y2 Low Input Voltage
Vpl
--
--
0.7
V
X1,X2,Y1,Y2 High Input Voltage
Vph
1.3
--
--
V
X1,X2,Y1,Y2 Input Current
(Pull Low Resistor, Vds=1.0V)
Ipi
57
--
104
µA
RTS High Input Voltage
Vth
9.6
--
--
V
RTS Low Input Voltage
Vtl
--
--
6.8
V
Low Input Voltage, Other Pins
Vail
--
--
1.5
V
High Input Voltage, Other Pins
Vaih
3.5
--
--
V
L,M,R,OPT Input Current
(Pull Low Resistor, Vds=5.6V)
Imi
18.6
--
56
µA
Rs,Osc-In,L,M,R,X1,X2,Y2,Y2,Opt
Input Leakage Current
(Vin=0V)
Iil
0
--
1.0
µA
RS, OSC-IN Input Leakage Current
(Vin=5.6V)
Iih
-1.0
--
0
µA
NOTE: *All voltages in above table are compared with VSS.
*All parameters in above table are tested under VDD=5.6V
AC ELECTRICAL CHARACTERISTICS (Tamb=25~70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Key debounce
Tkd
--
13
--
ms
Transmission time
mouse(1200)
Tms
--
41.1
--
ms
Transmission time
microsoft(1200)
Tmx
--
24.7
--
ms
Start bit time
(1200)
Ts
--
0.85
--
ms
Data bit time
(1200)
Td
--
0.82
--
ms
Stop bit time
(1200)
Tp
--
0.82
--
ms
Mode code delay time
(1200)
Trd
11.9
--
14
ms
Rising edge crossed width
Tr
15
--
--
µs
Falling edge crossed width
Tf
15
--
--
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com