Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC83702 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC83702
Description  ALL IN ONE MOUSE CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC83702 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC83702 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Silan
Semiconductors
SC83702
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
4
AC TIMING TEST POINT
1.3V
0.7V
2VDD
Vss
VDD
Vss
Vss+0.8V
VRTS-2.4V
OUTPUT: RXD pin
INPUT:X1,X2,Y1,Y2 pins
RTS pin
Other pins
X1,X2,Y1,Y2 INPUT IMPEDANCE
0
1.0
2.0
3.0
4.0
5.0
5.0
UNIT:K
MAX.
TYP.
MIN.
7.0
8.0
9.0
6.0
2.0
3.0
4.0
1.0
10.0
15.0
16.0
17.0
12.0
13.0
14.0
11.0
INPUT VOLTAGE
PIN DESCRIPTION
Pin Name
I/O
Description
RS
I
Crystal type select: "0" or floating. select 32.768KHz crystal. "1" select 3.58MHz
resonator.
RXD
O
There are 8 or 7 bits in each data byte.
Using parallel-in and serial-out components, the data bytes are shifted out from bit 0
through the high bits. SC83702 will transmit the data while the status of three key
switches or the state of the horizontal counter or vertical counter is changed.
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com