Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC83702 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC83702
Description  ALL IN ONE MOUSE CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC83702 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC83702 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Silan
Semiconductors
SC83702
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
1
ALL IN ONE MOUSE CONTROLLER
DESCRIPTION
The SC83702 Mouse Controller is specially designed to control
mouse device. This single chip can interface three key-switches and
four photo-couple direct to RS-232C. The SC83702 does not need
any external power supply, so the mouse can go without a power
line. It is versatile with both microsoft and mouse system.
Debouncing circuit were provided to prevent false entry and to
improve the accuracy. In 1200 baud rate non-auto speed with 200
DPI wheels and photo-couples, the scanning is 650mm/sec without
missing a dot in microsoft mode, and the scanning speed can up to
770mm/sec in mouse system mode.
FEATURES
*Built-in two zener diode between VDD and VSS, RTS and VDD
*Built-in noise immunity circuit
*CMOS DIP 16 pins package&SOP 16 pins package
*Low power dissipation
*Use 32.768KHz crystal or 3.58MHz resonator
*Oscillator circuits on-chip
*Serial output in 1200 baud rate
*Can be powered directly from RS-232C
*Can drive directly to RS-232C
*Three key-switches and four photo-couples inputs
*Both key-in and key-release debounce interval 13ms
DIP-16
SOP-16
*Through three key-switches input,
SC83702 can exert seven different output
*The sampling rate of motion detector is
65KHz
APPLICATIONS
*Optical mouse or pen-mouse
*Mechanical mouse or pen-mouse
*Optomechanical mouse or pen-mouse
*Mechanical track ball
*Optomechanical track ball
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SC83702A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SC83702B
RS
MS
OSCI
OSCO
RTS
RXD
VSS
R
RS
OPT
MS
OSCI
OSCO
RTS
RXD
VSS
VDD
OPT
Y2
Y1
X2
X1
L
M
Y2
Y1
X2
X1
L
M
R
VDD


Similar Part No. - SC83702

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SC8301 SAMHOP-SC8301 Datasheet
137Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
KEYBOARD ENCODER
logo
NXP Semiconductors
SC83C451CCA68 PHILIPS-SC83C451CCA68 Datasheet
162Kb / 22P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
SC83C451CGA68 PHILIPS-SC83C451CGA68 Datasheet
162Kb / 22P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
More results

Similar Description - SC83702

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
ALL IN ONE MOUSE CONTROLLER
EM83807 EMC-EM83807 Datasheet
52Kb / 7P
ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
EM84520 EMC-EM84520 Datasheet
120Kb / 19P
2-IN-ONE SCROLLING MOUSE CONTROLLER
EM84530 EMC-EM84530 Datasheet
84Kb / 14P
2-IN-ONE MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT6513 HOLTEK-HT6513 Datasheet
297Kb / 8P
Mouse Controller
23rd Oct 96
logo
List of Unclassifed Man...
SC84520 ETC-SC84520 Datasheet
185Kb / 19P
TWO IN ONE SCROLLING MOUSE CONTROLLER
TP8833AP ETC-TP8833AP Datasheet
373Kb / 35P
MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84513 EMC-EM84513 Datasheet
485Kb / 24P
Mouse Controller
logo
NXP Semiconductors
PN7462 NXP-PN7462 Datasheet
985Kb / 4P
First all-in-one full NFC controller solution
2016
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
All-in-One GNSS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com