Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC83702 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SC83702
Description  ALL IN ONE MOUSE CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC83702 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SC83702 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Silan
Semiconductors
SC83702
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
2
BLOCK DIAGRAM
MOTION
DETECTOR
NOISE
IMMUNITY
MULTI-
PLEXER
P/S
DEBOUNCE
MODE
SELECTOR
TIMING
CONTROLLER
SYSTEM
CLOCK
GENERATOR
LEVEL
SHIFT
CIRCUIT
2
12
13
14
15
11
10
9
1
5
14
6
7
3
16
8
OPT
X1
X2
Y1
Y2
L
M
R
MS
RS
OSCO
OSCI
RTS
RXD
VDD
Vss
NOTE: The pin numbers refer to SC83702B.
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C, unless otherwise specified)
Characteristic
Value
Unit
VDD- Vss
-0.3~+7.0
V
Supply Voltage
RTS-Vss
-0.3~+14
V
Temperature Under Bias
0~70
°C
Storage Temperature
-65~+150
°C
Power Dissipation
600
mW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com