Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7A6005 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7A6005
Description  Low Power, Wide Temperature Range General Purpose Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7A6005 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7A6005 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev. 1.10
5
July 17, 2013
HT7A6005
Application Information
Operation Overview
TheHT7A6005isalowpower,widetemperature
rangegeneralpurposecurrentmodePWMController.
Thedeviceisdesignedtorequireaminimumof
external components for different power circuit
topologiessuchasPrimary-SideFeedbackFlyback
andDC-DCBuck/Boost.Thedevicecanbeusedfor
LEDdrivingapplicationssuchasLEDbacklights
andLEDlighting.TomeetLEDconstantcurrent
requirements,thedevicecanmaintainalowcurrent
toleranceof±1%forLEDdrivingapplications.
Under Voltage Lockout (UVLO)
AUVLOcomparatorisprovidedtoensurethatthe
deviceisfullyfunctionalbeforetheoutputstageis
enabled.AsshowninFigure5,hysteresisisprovided
topreventthePWMControllerfromshuttingdown
duringanyvoltagedipswhichmightoccurduringthe
startupprocess.Theturn-onandturn-offthreshold
levelsaresetat8.4Vand7.6V,respectively.
Figure 5. UVLO Scheme and Start-Up Current
Current Sense and Leading-Edge
Blanking (LEB)
For Isolation Flyback applications, a Leading-
EdgeBlankingSchemeisnecessary.ALeading-
EdgeBlankingSchemeisintegratedinthedeviceto
preventfalsetriggeringduetofeedbackcurrentspikes
whichmayappearontheCSpin.Thiseliminates
theneedfortheusualR-Cfilterwhichisnormallya
requirementintypicalcurrentmodePWMController
applications.
HT7A6005
350ns
Blank Time
removed
RT
GD
GND
CS
VREF
0.1uF
10K
Figure 6. LEB with R-C Filter Removed
Internal Slope-Compensation
An important issue with current mode control
schemesisinstabilityduetosub-harmonicoscillation
whentheDuty-Cycle>50%.Topreventthisproblem
from occurring,a Slope-Compensationfunction
isalwaysnecessary.Intraditionalcurrentmode
controllerapplications,manyexternalcomponents
arenecessarytoimplementaSlope-Compensation
function.HoweverintheHT7A6005theinternal
Slope-Compensationfunctioneliminatestheneedfor
theseexternalcomponentsresultinginasimplified
applicationcircuitdesign.
Oscillator Frequency Tuning
Bychoosinganappropriatevalueofexternalresistor
betweentheRTPinandGND,asuitableoperating
frequencycanbegenerated.Therelationshipbetween
theRTvalueandtheoperatingfrequencyisprovided
inFigure7.
Figure 7. RT Resistor Value vs. Operating Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com