Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7A6005 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7A6005
Description  Low Power, Wide Temperature Range General Purpose Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7A6005 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7A6005 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. 1.10
1
July 17, 2013
Rev. 1.00
PB
July 17, 2013
HT7A6005
Low Power, Wide Temperature Range General
Purpose Current Mode PWM Controller
Feature
• HighPerformance,LowCostCurrentModePWM
ControllerespeciallydesignedforEnergyStar5.0
• VeryLowStartupCurrent(<20μA)andOperating
Current
• High-VoltageCMOSProcesswithExcellentESD
protection(>3KV)
• ±5%TrimmedOscillatorforPreciseFrequency
Control
• LEB(Leading-EdgeBlanking)onCSPin
• InternalSlopeCompensation
• ProgrammableSwitchingFrequency
• InternallyTrimmedReferencewithUVLO(Under
VoltageLockout)
• Cycle-by-CycleCurrentLimiting
Applications
• SwitchingAC-DCAdaptors
• DC-DCSwitchingBuck/BoostConverters
• LEDBacklightsforLCD/LEDTVs
General Description
TheHT7A6005isacontrollerICthatincludesthe
necessaryfeaturestoimplementoff-lineorDC-DC
currentmodecontrolschemeswithaminimalexternal
partscount.Internalcircuitsincludeaspecially
designedMixed-Mode/AnalogInterfaceformulti-
functionandmulti-topologycontrolschemes(DC-DC
Buck/Boost,Off-lineAC-DC),atrimmedoscillator
forpreciseduty-cyclecontrolundervoltagelockout
withastart-upcurrentoflessthan0.5mA,awide
temperaturerange,precisevoltagereference,internal
SlopeCompensationandLeading-EdgeBlanking.
TheHT7A6005featuresbasicsystemprotection
functionssuchasCycle-by-CycleCurrentLimiting
andUnderVoltageLock-Out(UVLO).
AMulti-FunctionPincanbeusedasadimming
functionforLEDdriving,andasaprimaryfeedback
control for Primary-Side Feedback AC-DC
applications.
Application Circuits
GD
VCC
MF
CS
COMP/FB
GND
RT
VREF
2.2kW
0.1mF
470mF/50V
10W
1N4148
20W
0.22W
10kW
IRF540
0.22W
1nF
470kW
33pF
HFB20HJ20C
0.1mF/100V
46mH
2kW
40kW
470mF
/63V
820W
220pF
Vo=55V/75W
VIN=24V


Similar Part No. - HT7A6005

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
EMI-Improved Green Mode PWM Controller with Integrated Protections
More results

Similar Description - HT7A6005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A4016 HOLTEK-HT7A4016 Datasheet
1Mb / 12P
Low Power, Wide Temperature Range General Purpose Current Mode PWM Controller
logo
Maxim Integrated Produc...
MAX17598 MAXIM-MAX17598 Datasheet
3Mb / 25P
Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
Rev 0; 1/12
logo
Texas Instruments
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
NCP1361 ONSEMI-NCP1361 Datasheet
357Kb / 26P
Low Power Offline Constant Current PWM Current-Mode Controller
October, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com