Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7A6005 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT7A6005
Description  Low Power, Wide Temperature Range General Purpose Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7A6005 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT7A6005 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Rev. 1.10
8
July 17, 2013
HT7A6005
15
10k
1N4148
1N4148
1uF
10
100uF
1N4148
1nF
200
10k
5.1k
MBR160
220uF
47uH
5.1k
5.1k
Vout/5Vdc
56pF
1k
0.1uF
0.1uF
10nF
2.2k
1M
2SK941
VIN=24Vdc
GD
VCC
MF
CS
COMP/FB
GND
RT
VREF
Figure 11. Constant Voltage Buck Regulator (High-Side Buck)
F1
L1:A
L2:A
R3
R7
R8
D4
D3
R4
R19
C12
GD
VCC
MF
CS
COMP/FB
GND
RT
VREF
R11
C15
D1
C3
R5
Vout
C14
T1
Q1
C11
U1
C1
C2
BD1
Vac=90V~265V
L
N
R1
R2
1
5
4
3
7
8
C4
C13
R21
R22
R23
Figure 12. Primary Side Feedback, Isolation Flyback AC-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com