Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7A6005 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7A6005
Description  Low Power, Wide Temperature Range General Purpose Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7A6005 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT7A6005 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev. 1.10
6
July 17, 2013
HT7A6005
GD
VCC
MF
CS
COMP/FB
GND
RT
VREF
2.2kW
0.1mF
470mF/50V
10W
1N4148
20W
0.22W
10kW
IRF540
0.22W
1nF
470kW
33pF
HFB20HJ20C
0.1mF/100V
46mH
2kW
40kW
470mF
/63V
820W
220pF
Vo=55V/75W
VIN=24V
Figure 8. Constant Voltage Boost Application (DC-DC Boost)
Multi-Function Pin
AspeciallydesignedMixed-Signal/AnalogInterface
isprovidedintheHT7A6005.Byconnectingthe
Multi-Function(MF)pintodifferentsystemsensing
points,theHT7A6005canbeusedfordifferentcircuit
topologiessuchasIsolationFlybackorNon-Isolation
DC-DCBuck/Boost.TheMFpincanalsobeusedas
anLEDdimmingpinforBuckLEDdriving.Some
applicationcircuitexamplesareintroducedinthe
followingpages.
Constant Voltage Boost Application
AConstantVoltage(CV)Boostapplicationcircuitis
showninFigure8.ThiscircuitcanbeusedwithDC
inputsof16~24VandprovidesaDCoutputof55V±
5%with75Woutputpower.Theoutputpowerlevel
canbechangedbychoosingasuitableinductorvalue
andpowerMOSFET,whiletheoutputvoltagecan
bechangedbychoosingasuitablefeedbackresistor
ratio.
Boost Constant Current (CC) LED Driver
for Back-light
A Boost CC LED Driver shown in Figure 9 is
designed for LED backlight applications. The
topology is similar to Boost topologies, but the
feedbackpointischangedfromtheVoltageOutput
terminaltotheCurrentSenseResistor.Thiscircuit
canbeusedwithaDCinputof16~24Vandprovides
aDCoutputof55Vwith75Woutputpower.This
circuit’sconstantcurrentcapabilityismorethanthat
requiredbybacklightsandalsogoodenoughforLED
lightingapplications.
Buck Constant Current LED Lighting
Driver
AlowcostBuckConstantCurrentLEDLighting
driverisintroducedinFigure10.Unliketheusual
LEDdriveswhichhaveafixed-voltagerangeand
constantcurrentcontrol,thiscircuitcansupportvery
highoutputvoltages,perhapsforhighLEDcount
serialconfigurations, withnomaximumvoltage
limitations.HeretheMFpincanbeusedasaPWM
dimmingpin.
Constant Voltage Buck Application
AConstantVoltage(CV)Buck(High-SideBuck)
applicationcircuitisshowninFigure11.Thiscircuit
canbeusedwithDCinputsof24Vorhighervoltage
andprovidesaConstantDCvoltageoutput.The
outputpowerlevelcanbechangedbychoosinga
suitableinductorvalue,Transformer’sturnratioand
powerMOSFET,whiletheoutputvoltagecanbe
changedbychoosingasuitablefeedbackresistor
ratio.
Primary Side Feedback, Isolation Flyback
AC-DC Converter
ThedevicecanalsocanbeusedforisolationAC-
DCapplications.Atypicalprimarysidefeedback,
isolation FlybackAC-DC converter is shown in
Figure12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com