Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV620 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV620
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV620 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV620 Datasheet HTML 6Page - STMicroelectronics TSV620 Datasheet HTML 7Page - STMicroelectronics TSV620 Datasheet HTML 8Page - STMicroelectronics TSV620 Datasheet HTML 9Page - STMicroelectronics TSV620 Datasheet HTML 10Page - STMicroelectronics TSV620 Datasheet HTML 11Page - STMicroelectronics TSV620 Datasheet HTML 12Page - STMicroelectronics TSV620 Datasheet HTML 13Page - STMicroelectronics TSV620 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Electrical characteristics
Document header RPN(s)
10/24
DocID14912 Rev 3
Figure 7. Voltage gain and phase vs. frequency
at VCC+ = 5 V
Figure 8. Phase margin vs. output current at
VCC+ = 1.5 V and VCC+ = 5 V
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0
10
20
30
40
50
60
70
80
90
Vicm=Vcc/2, Cl=100pF
Rl=4.7kohms, T=25 C
Vcc=1.5V
Vcc=5V
Figure 9. Slew rate vs. supply voltage
Figure 10. Slew rate vs. supply voltage
10µV/div
Supply voltage (V)
Figure 11. Distortion + noise vs. output voltage
Figure 12. Distortion + noise vs. frequency
f=1kHz
Gain=1
BW=22kHz
Vicm=Vcc/2
Vcc=1.5V
Rl=10kohms
Vcc=5.5V
Rl=10kohms
Vcc=1.5V
Rl=100kohms
Vcc=5.5V
Rl=100kohms
Output Voltage (Vpp)
10
100
1000
10000
0.01
0.1
1
Vcc=1.5V
Rl=100k
Ω
Ω
Ω
Vcc=1.5V
Rl=10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com