Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV620 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSV620
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV620 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSV620 Datasheet HTML 10Page - STMicroelectronics TSV620 Datasheet HTML 11Page - STMicroelectronics TSV620 Datasheet HTML 12Page - STMicroelectronics TSV620 Datasheet HTML 13Page - STMicroelectronics TSV620 Datasheet HTML 14Page - STMicroelectronics TSV620 Datasheet HTML 15Page - STMicroelectronics TSV620 Datasheet HTML 16Page - STMicroelectronics TSV620 Datasheet HTML 17Page - STMicroelectronics TSV620 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Application information
Document header RPN(s)
14/24
DocID14912 Rev 3
3.5
Optimization of DC and AC parameters
This device uses an innovative approach to reduce the spread of the main DC and AC
parameters. An internal adjustment achieves a very narrow spread of current consumption
(29 µA typical, min/max at ±17 %). Parameters linked to the current consumption value,
such as GBP, SR and AVd benefit from this narrow dispersion. All parts present a similar
speed and the same behavior in terms of stability. In addition, the minimum values of GBP
and SR are guaranteed (GBP = 350 kHz min, SR = 0.15 V/µs min).
3.6
Driving resistive and capacitive loads
These products are micro-power, low-voltage operational amplifiers optimized to drive
rather large resistive loads, above 5 k
Ω. For lower resistive loads, the THD level may
significantly increase.
In a follower configuration, these operational amplifiers can drive capacitive loads up to
100 pF with no oscillations. When driving larger capacitive loads, adding a small in-series
resistor at the output can improve the stability of the device (see Figure 20 for
recommended in-series resistor values). Once the in-series resistor value has been
selected, the stability of the circuit should be tested on bench and simulated with the
simulation model.
Figure 20. In-series resistor vs. capacitive load
3.7
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com