Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV620 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSV620
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV620 Datasheet(HTML) 3 Page - STMicroelectronics

  TSV620 Datasheet HTML 1Page - STMicroelectronics TSV620 Datasheet HTML 2Page - STMicroelectronics TSV620 Datasheet HTML 3Page - STMicroelectronics TSV620 Datasheet HTML 4Page - STMicroelectronics TSV620 Datasheet HTML 5Page - STMicroelectronics TSV620 Datasheet HTML 6Page - STMicroelectronics TSV620 Datasheet HTML 7Page - STMicroelectronics TSV620 Datasheet HTML 8Page - STMicroelectronics TSV620 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DocID14912 Rev 3
3/24
Document header RPN(s)
Absolute maximum ratings and operating conditions
24
1
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1. All voltage values, except differential voltage are with respect to network ground terminal.
6
V
Vid
Differential input voltage (2)
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±VCC
Vin
Input voltage (3)
3. Vcc-Vin must not exceed 6 V.
(VCC-) - 0.2 to (VCC+) + 0.2
Iin
Input current (4)
4. Input current must be limited by a resistor in series with the inputs.
10
mA
SHDN
Shutdown voltage (5)
5. Vcc-SHDN must not exceed 6 V.
(VCC-) - 0.2 to (VCC+) + 0.2
V
Tstg
Storage temperature
-65 to 150
°C
Rthja
Thermal resistance junction to ambient (6) (7)
SC70-5
SOT23-5
SOT23-6
SC70-6
6. Short-circuits can cause excessive heating and destructive dissipation.
7. Rth are typical values.
205
250
240
232
°C/W
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model(8)
8. Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
4kV
MM: machine model (9)
9. Machine mode: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
300
V
CDM: charged device model (10)
10. Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1.5
kV
Latch-up immunity
200
mA
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.5 to 5.5
V
Vicm
Common mode input voltage range
(VCC-) - 0.1 to (VCC+) + 0.1
Toper
Operating free air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com