Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV620 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSV620
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV620 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSV620 Datasheet HTML 16Page - STMicroelectronics TSV620 Datasheet HTML 17Page - STMicroelectronics TSV620 Datasheet HTML 18Page - STMicroelectronics TSV620 Datasheet HTML 19Page - STMicroelectronics TSV620 Datasheet HTML 20Page - STMicroelectronics TSV620 Datasheet HTML 21Page - STMicroelectronics TSV620 Datasheet HTML 22Page - STMicroelectronics TSV620 Datasheet HTML 23Page - STMicroelectronics TSV620 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Ordering information
Document header RPN(s)
22/24
DocID14912 Rev 3
5
Ordering information
Table 12. Order codes
Part number
Temperature
range
Package
Packing
Marking
TSV620ILT
-40 °C to 125 °C
SOT23-6
Tape and reel
K107
TSV620ICT
SC70-6
K14
TSV620AILT
SOT23-6
K110
TSV620AICT
SC70-6
K15
TSV621ILT
SOT23-5
K106
TSV621ICT
SC70-5
K16
TSV621AILT
SOT23-5
K139
TSV621AICT
SC70-5
K39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com