Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBUF02W6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # USBUF02W6
Description  EMI filter and line termination for USB upstream ports
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF02W6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button USBUF02W6 Datasheet HTML 2Page - STMicroelectronics USBUF02W6 Datasheet HTML 3Page - STMicroelectronics USBUF02W6 Datasheet HTML 4Page - STMicroelectronics USBUF02W6 Datasheet HTML 5Page - STMicroelectronics USBUF02W6 Datasheet HTML 6Page - STMicroelectronics USBUF02W6 Datasheet HTML 7Page - STMicroelectronics USBUF02W6 Datasheet HTML 8Page - STMicroelectronics USBUF02W6 Datasheet HTML 9Page - STMicroelectronics USBUF02W6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Technical information
USBUF
6/13
DocID7041 Rev 8
Figure 6. USBUF ESD clamping behavior
Figure 7. Measurement board
To have a good approximation of the remaining voltages at both Vin and Vout stages, we
give the typical dynamical resistance value Rd. By taking into account these following
hypothesis: Rt > Rd, Rg > Rd and Rload > Rd, it gives these formulas:
The results of the calculation done for Vg = 8 kV, Rg = 330 Ω (IEC 61000-4-2 standard),
VBR = 7 V (typ.) and Rd = 1 Ω (typ.) give:
Vinput = 31.2 V
Voutput = 7.95 V
This confirms the very low remaining voltage across the device to be protected. It is also
important to note that in this approximation the parasitic inductance effect was not taken into
account. This could be few tenths of volts during few ns at the Vinput side. This parasitic
effect is not present at the Voutput side due the low current involved after the resistance Rt.
The measurements done hereafter show very clearly (figure 8) the high efficiency of the
ESD protection:
•
no influence of the parasitic inductances on Voutput stage
•
Voutput clamping voltage very close to VBR (breakdown voltage) in the positive way
and - VF (forward voltage) in the negative way
ESD Surge
Vinput
Voutput
Rload
Rg
Rt
S1
Rd
V
BR
V
BR
V
PP
Device
to be
protected
USBUF01W6
Rd
S2
TEST BOARD
ESD
SURGE
16kV
Air
Discharge
Vin
Vout
Vinput
R
g
V
BR
⋅
R
d
V
g
⋅
+
R
g
-----------------------------------------------
=
V
ouput
R
t
V
BR
⋅
R
d
Vinput
⋅
+
R
t
-------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com