Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBUF02W6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # USBUF02W6
Description  EMI filter and line termination for USB upstream ports
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF02W6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button USBUF02W6 Datasheet HTML 5Page - STMicroelectronics USBUF02W6 Datasheet HTML 6Page - STMicroelectronics USBUF02W6 Datasheet HTML 7Page - STMicroelectronics USBUF02W6 Datasheet HTML 8Page - STMicroelectronics USBUF02W6 Datasheet HTML 9Page - STMicroelectronics USBUF02W6 Datasheet HTML 10Page - STMicroelectronics USBUF02W6 Datasheet HTML 11Page - STMicroelectronics USBUF02W6 Datasheet HTML 12Page - STMicroelectronics USBUF02W6 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DocID7041 Rev 8
9/13
USBUF
Technical information
13
2.6
Transition times
This low pass filter has been designed in order to meet the USB 1.1 standard requirements
that implies the signal edges are maintained within the 4 -20 ns stipulated USB specification
limits. To verify this point, we have measured the rise time of VD+ voltage with and without
the USBUF device.
Figure 14. shows the circuit used to perform measurements of the transition times. In Figure
15., we see the results of such measurements:
trise = 3.8 ns driver alone
trise = 7.8 ns with protection device
The adding of the protection device causes the rise time increase of roughly 4ns.
Note:
Rise time has been measured between 10% and 90% of the signal (resp. 90% and 10%)
Figure 14. Typical rise and fall times:
measurement configuration
Figure 15. Typical rise times with and
without protection device
D+
D-
+5V
+5V
74HC04
+5V
Square
Pulse
Generator
74HC04
USBDF
01W6
without
with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com