Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBUF02W6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # USBUF02W6
Description  EMI filter and line termination for USB upstream ports
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF02W6 Datasheet(HTML) 3 Page - STMicroelectronics

  USBUF02W6 Datasheet HTML 1Page - STMicroelectronics USBUF02W6 Datasheet HTML 2Page - STMicroelectronics USBUF02W6 Datasheet HTML 3Page - STMicroelectronics USBUF02W6 Datasheet HTML 4Page - STMicroelectronics USBUF02W6 Datasheet HTML 5Page - STMicroelectronics USBUF02W6 Datasheet HTML 6Page - STMicroelectronics USBUF02W6 Datasheet HTML 7Page - STMicroelectronics USBUF02W6 Datasheet HTML 8Page - STMicroelectronics USBUF02W6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID7041 Rev 8
3/13
USBUF
Technical information
13
2
Technical information
Figure 2. USB standard requirements
Host or
Hub port
Twisted pair shielded
Zo = 90ohms
5m max
Hub 0 or
Full-speed function
Untwisted unshielded
3m max
FULL SPEED CONNECTION
LOW SPEED CONNECTION
3.3V
3.3V
D+
D-
D+
D-
D+
D-
D+
D-
1.5k
1.5k
Hub 0 or
Low-speed function
Low-speed USB
Transceiver
Full-speed or
Low-speed USB
Transceiver
15k
Rt
Rt
Ct
Ct
Host or
Hub port
Full-speed or
Low-speed USB
Transceiver
15k
Rt
Rt
Ct
Ct
Rt
Rt
Ct
Ct
Full-speed USB
Transceiver
Rt
Rt
Ct
Ct
15k
15k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com