Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBUF02W6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # USBUF02W6
Description  EMI filter and line termination for USB upstream ports
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF02W6 Datasheet(HTML) 2 Page - STMicroelectronics

  USBUF02W6 Datasheet HTML 1Page - STMicroelectronics USBUF02W6 Datasheet HTML 2Page - STMicroelectronics USBUF02W6 Datasheet HTML 3Page - STMicroelectronics USBUF02W6 Datasheet HTML 4Page - STMicroelectronics USBUF02W6 Datasheet HTML 5Page - STMicroelectronics USBUF02W6 Datasheet HTML 6Page - STMicroelectronics USBUF02W6 Datasheet HTML 7Page - STMicroelectronics USBUF02W6 Datasheet HTML 8Page - STMicroelectronics USBUF02W6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
USBUF
2/13
DocID7041 Rev 8
1
Characteristics
Table 2. Absolute ratings (Tamb = 25° C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC 61000-4-2, air discharge
ESD discharge IEC 61000-4-2, contact discharge
ESD discharge - MIL STD 883E - Method 3015-7
±16
±9
±25
kV
Tj
Maximum junction temperature
150
°C
Tstg
Storage temperature range
- 55 to + 150
°C
TL
Lead solder temperature (10 second duration)
260
°C
Top
Operating temperature range
-40 to 125
°C
P
Power rating per resistor
100
mW
Table 3. Functional diagram
Rt
Rp
Ct
CODE 01
33 W
1.5 k
Ω
47 pF
CODE 02
22 W
1.5 k
Ω
47 pF
Tolerance
± 10%
± 10%
± 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com