Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER16 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER16
Description  Fixed frequency VIPer™ plus family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER16 Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER16 Datasheet HTML 1Page - STMicroelectronics VIPER16 Datasheet HTML 2Page - STMicroelectronics VIPER16 Datasheet HTML 3Page - STMicroelectronics VIPER16 Datasheet HTML 4Page - STMicroelectronics VIPER16 Datasheet HTML 5Page - STMicroelectronics VIPER16 Datasheet HTML 6Page - STMicroelectronics VIPER16 Datasheet HTML 7Page - STMicroelectronics VIPER16 Datasheet HTML 8Page - STMicroelectronics VIPER16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
This is information on a product in full production.
June 2014
DocID15232 Rev 7
1/30
VIPER16
Fixed frequency VIPer™ plus family
Datasheet
- production data
Figure 1. Typical application
Features
• 800 V avalanche rugged power section
• PWM operation with frequency jittering for low
EMI
• Operating frequency:
– 60 kHz for L type
– 115 kHz for H type
• No need of auxiliary winding for low power
application
• Standby power < 30 mW at 230 VAC
• Limiting current with adjustable set point
• On-board soft-start
• Safe auto-restart after a fault condition
• Hysteretic thermal shutdown
Application
• Replacement of capacitive power supply
• Auxiliary power supply for appliances,
• Power metering
• LED drivers
Description
The device is an off-line converter with an 800 V
avalanche ruggedness power section, a PWM
controller, user defined overcurrent limit,
protection against feedback network
disconnection, hysteretic thermal protection, soft
start up and safe auto restart after any fault
condition. It is able to power itself directly from the
rectified mains, eliminating the need for an
auxiliary bias winding. Advance frequency jittering
reduces EMI filter cost. Burst mode operation and
the devices very low consumption both help to
meet the standard set by energy saving
regulations.
Table 1. Device summary
Order codes
Package
Packaging
VIPER16LN
DIP-7
Tube
VIPER16HN
VIPER16HD
SO16 narrow
Tube
VIPER16HDTR
Tape and reel
VIPER16LD
Tube
VIPER16LDTR
Tape and reel
www.st.com


Similar Part No. - VIPER16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER16HD STMICROELECTRONICS-VIPER16HD Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER16HDTR STMICROELECTRONICS-VIPER16HDTR Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER16HN STMICROELECTRONICS-VIPER16HN Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER16LD STMICROELECTRONICS-VIPER16LD Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER16LDTR STMICROELECTRONICS-VIPER16LDTR Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
More results

Similar Description - VIPER16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER26 STMICROELECTRONICS-VIPER26 Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
logo
Maxim Integrated Produc...
DS1088C MAXIM-DS1088C Datasheet
1Mb / 8P
Fixed-Frequency EconoOscillator™
Rev 0; 3/12
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
STMicroelectronics
VIPER16LN STMICROELECTRONICS-VIPER16LN Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER16LDTR STMICROELECTRONICS-VIPER16LDTR Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER06LSTR STMICROELECTRONICS-VIPER06LSTR Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
VIPER37HE STMICROELECTRONICS-VIPER37HE Datasheet
2Mb / 35P
VIPerPlus family: fixed frequency offline converter
17-Feb-2012
VIPER06 STMICROELECTRONICS-VIPER06 Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
3W, 5V output, isolated flyback converter using VIPer™ Plus - VIPER06HN
May 2014 Rev 2
STEVAL-ISA137V1 STMICROELECTRONICS-STEVAL-ISA137V1 Datasheet
152Kb / 4P
Demonstration board based on VIPer06 from the fixed-frequency VIPer™ plus family
June 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com