Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER16 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER16
Description  Fixed frequency VIPer™ plus family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER16 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER16 Datasheet HTML 6Page - STMicroelectronics VIPER16 Datasheet HTML 7Page - STMicroelectronics VIPER16 Datasheet HTML 8Page - STMicroelectronics VIPER16 Datasheet HTML 9Page - STMicroelectronics VIPER16 Datasheet HTML 10Page - STMicroelectronics VIPER16 Datasheet HTML 11Page - STMicroelectronics VIPER16 Datasheet HTML 12Page - STMicroelectronics VIPER16 Datasheet HTML 13Page - STMicroelectronics VIPER16 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Electrical data
VIPER16
10/30
DocID15232 Rev 7
Oscillator section
FOSC
Switching frequency
VIPer16L
54
60
66
kHz
VIPer16H
103
115
127
kHz
FD
Modulation depth
FOSC = 60 kHz
±4
kHz
FOSC = 115 kHz
±8
kHz
FM
Modulation frequency
230
Hz
DMAX
Maximum duty cycle
70
80
%
Thermal shutdown
TSD
Thermal shutdown temperature(1)
150
160
°C
THYST
Thermal shutdown hysteresis(1)
30
°C
1.
Specification assured by design, characterization and statistical correlation.
Table 8. Controller section (continued)
Symbol
Parameter
Test condition
Min
Typ Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com