Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER16 Datasheet(PDF) 16 Page - STMicroelectronics

Part # VIPER16
Description  Fixed frequency VIPer™ plus family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER16 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VIPER16 Datasheet HTML 12Page - STMicroelectronics VIPER16 Datasheet HTML 13Page - STMicroelectronics VIPER16 Datasheet HTML 14Page - STMicroelectronics VIPER16 Datasheet HTML 15Page - STMicroelectronics VIPER16 Datasheet HTML 16Page - STMicroelectronics VIPER16 Datasheet HTML 17Page - STMicroelectronics VIPER16 Datasheet HTML 18Page - STMicroelectronics VIPER16 Datasheet HTML 19Page - STMicroelectronics VIPER16 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Power section
VIPER16
16/30
DocID15232 Rev 7
7
Power section
The power section is implemented with an n-channel power MOSFET with a breakdown
voltage of 800 V min. and a typical RDS(on) of 20 Ω. It includes a SenseFET structure to
allow a virtually lossless current sensing and the thermal sensor.
The gate driver of the power MOSFET is designed to supply a controlled gate current during
both turn-ON and turn-OFF in order to minimize common mode EMI. During UVLO
conditions, an internal pull-down circuit holds the gate low in order to ensure that the power
MOSFET cannot be turned ON accidentally.
8
High voltage current generator
The high voltage current generator is supplied by the DRAIN pin. At the first start up of the
converter it is enabled when the voltage across the input bulk capacitor reaches the
VDRAIN_START threshold, sourcing a IDDch1 current (see Table 7 on page 8); as the VDD
voltage reaches the VDDon threshold, the power section starts switching and the high
voltage current generator is turned OFF. The VIPer16 is powered by the energy stored in
the VDD capacitor.
In steady state condition, if the self biasing function is used, the high voltage current
generator is activated between VDDCSon and VDDon (see Table 7 on page 8), delivering
IDDch2, see Table 7 on page 8 to the VDD capacitor during the MOSFET off time (see
Figure 21 on page 16).
The device can also be supplied through the auxiliary winding; in this case the high voltage
current source is disabled during steady-state operation, provided that VDD is above
VDDCSon.
At converter power-down, the VDD voltage drops and the converter activity stops as it falls
below VDDoff threshold (see Table 7 on page 8).
Figure 21. Power on and power off
I
DD
V
DD
V
DRAIN
V
DDon
t
tt
t
V
IN
V
DRAIN_START
t
t
Power-on
Power-off
Normal operation
regulation is lost here
V
IN < VDRAIN_START
HV startup is no more activated
With internal self-supply
Without internal self-supply
V
DDCSon
V
DDoff
I
DDch1
I
DDch2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com